Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185-2.5 MD8 Datasheet (PDF) - Texas Instruments

LM185-2.5 MD8 Datasheet PDF - Texas Instruments
Part # LM185-2.5 MD8
Download  LM185-2.5 MD8 Download
File Size   729.45 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Reference Diode

LM185-2.5 MD8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM185-2.5 MD8 Datasheet PDF - Texas Instruments

Part # LM185-2.5 MD8
Download  LM185-2.5 MD8 Click to download

File Size   729.45 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Micropower Voltage Reference Diode

LM185-2.5 MD8 Datasheet (HTML) - Texas Instruments


LM185-2.5 MD8 Product details

1FEATURES
2• Operating Current of 20 μA to 20 mA
• 0.6Ω Dynamic Impedance (A grade)
• Low Temperature Coefficient
• Low Voltage Reference—2.5V

DESCRIPTION
The LM185-2.5 are micropower 2-terminal band-gap
voltage regulator diodes. Operating over a 20 μA to
20 mA current range, they feature exceptionally low
dynamic impedance and good temperature stability.
On-chip trimming is used to provide tight voltage
tolerance. Since the LM185-2.5 band-gap reference
uses only transistors and resistors, low noise and
good long term stability result.
Careful design of the LM185-2.5 has made the device
exceptionally tolerant of capacitive loading, making it
easy to use in almost any reference application. The
wide dynamic operating range allows its use with
widely varying supplies with excellent regulation.
The extremely low power drain of the LM185-2.5
makes it useful for micropower circuitry. This voltage
reference can be used to make portable meters,
regulators or general purpose analog circuitry with
battery life approaching shelf life. Further, the wide
operating current allows it to replace older references
with a tighter tolerance part. For applications requiring
1.2V see LM185-1.2.




Similar Part No. - LM185-2.5 MD8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185-2.5 NSC-LM185-2.5 Datasheet
742Kb / 13P
Micropower Voltage Reference Diode
logo
Linear Technology
LM185-2.5 LINER-LM185-2.5 Datasheet
147Kb / 8P
Micropower Voltage Reference
LM185-2.5 LINER-LM185-2.5 Datasheet
157Kb / 8P
Micropower Voltage Reference
logo
Texas Instruments
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Similar Description - LM185-2.5 MD8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
Micropower Voltage Reference Diode
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com